Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 73 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 73 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 77Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
73
Rev. C
07/02/2021
® Long-term Support
World Class Quality
MRW RESET Command
The MRW RESET command brings the device to the device auto initialization (resetting) state in
the power-on initialization sequence (see RESET Command under Power-Up ). The MRW RESET
command can be issued from the idle state. This command resets all mode registers to their de-
fault values. Only the NOP command is supported during tINIT4. After MRW RESET, boot timings
must be observed until the
device initialization sequence is complete and the device is in the idle state. Array data is unde-
fined after the MRW RESET command has completed.
For MRW RESET timing, see Figure of Voltage Ramp and Initialization Sequence.
MRW ZQ Calibration Commands
The MRW command is used to initiate a ZQ calibration command that calibrates output driver
impedance across process, temperature, and voltage. LPDDR2-S4 devices support ZQ calibration.
To achieve tighter tolerances, proper ZQ calibration must be performed.
There are four ZQ calibration commands and related timings: tZQINIT, tZQRESET, tZQCL, and
tZQCS. tZQINIT is used for initialization calibration; tZQRESET is used for resetting ZQ to the
default output impedance; tZQCL is used for long calibration(s); and tZQCS is used for short
calibration(s). See the MR10 Calibration (MA[7:0] = 0Ah) table for ZQ calibration command code
definitions.
ZQINIT must be performed for LPDDR2 devices. ZQINIT provides an output impedance accuracy
of ±15%. After initialization, the ZQ calibration long (ZQCL) can be used to recalibrate the system
to an output impedance accuracy of ±15%. A ZQ calibration short (ZQCS) can be used periodi-
cally to compensate for temperature and voltage drift in the system.
ZQRESET resets the output impedance calibration to a default accuracy of ±30% across process,
voltage, and temperature. This command is used to ensure output impedance accuracy to ±30%
when ZQCS and ZQCL commands are not used.
One ZQCS command can effectively correct at least 1.5% (ZQ correction) of output impedance
errors within tZQCS for all speed bins, assuming the maximum sensitivities specified in the tables
"output Driver Sensitivity Definition" and "Output Driver Temperature and Voltage Sensitivity" (page
133) are met. The appropriate interval between ZQCS commands can be determined using these
tables and system-specific parameters.
LPDDR2 devices are subject to temperature drift rate (Tdriftrate) and voltage drift rate (Vdriftrate)
in various applications. To accommodate drift rates and calculate the necessary interval between
ZQCS commands, apply the following formula.
ZQcorrection / 〔(Tsens × Tdriftrate) + (Vsens × Vdriftrate)〔
Where Tsens = MAX (dRONdT) and Vsens = MAX (dRONdV) define temperature and voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com