Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 85 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 85 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 89Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
85
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Electrical Specifications
Absolute Maximum DC Ratings
Stresses greater than those listed may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect reliability.
Notes:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reli-
ability
2. See “Power-Ramp” section in “Power-up, Initialization, and Power-Off” for relationships between power supplies.
3. VREFDQ 0.6 x VDDQ; however, VREFDQ may be VDDQ provided that VREFDQ 300mV.
4. VREFCA 0.6 x VDDCA; however, VREFCA may be VDDCA provided that VREFCA 300mV.
5. Storage Temperature is the case surface temperature on the center/top side of the LPDDR2 device. For the measurement
conditions, please refer to JESD51-2 standard.
Parameter
Symbol Min Max Units Notes
VDD1 supply voltage relative to VSS
VDD1
-0.4 2.3V
2
VDD2 supply voltage relative to VSS
VDD2
-0.4 1.6V
2
VDDCA supply voltage relative to VSSCA VDDCA
-0.4 1.6V
2,4
VDDQ supply voltage relative to VSSQVDDQ
-0.41.6
V2,3
Voltage on any ball relative to VSS
VIN, VOUT -0.4 1.6V
Storage Temperature
TSTG
-55 125
°C
5
Package
Theta-ja
(Airflow = 0m/s)
Theta-jc
Units
134-ball
43.3
5.6
°
C/W
Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com