Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 100 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 100 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 104Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
100
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Note: AC/DC referenced for 1 V/ns CA and CS# slew rate and 2 V/ns differential CK, CK# slew rate.
CA and CS# Setup, Hold, and Derating
The For all input signals (CA and CS#), the total required setup time (tIS) and hold time (tIH) is
calculated by adding the data sheet tIS (base) and tIH (base) values to the
ΔtIS and ΔtIH derating
values, respectively. Example: tIS (total setup time) = tIS(base) +
ΔtIS.
Setup (tIS) typical slew rate for a rising signal is defined as the slew rate between the last cross-
ing of VREF(DC) and the first crossing of VIH(AC)min. The setup (tIS) typical slew rate for a falling
signal is defined as the slew rate between the last crossing of VREF(DC) and the first crossing of
VIL(AC)max. If the actual signal is always earlier than the typical slew rate line between the shad-
ed VREF(DC)-to-(AC) region, use the typical slew rate for the derating value. If the actual signal
is later than the typical slew rate line anywhere between the shaded VREF(DC)-to-AC region, the
slew rate of a tangent line to the actual signal from the AC level to the DC level is used for the de-
rating value.
The hold (tIH) typical slew rate for a rising signal is defined as the slew rate between the last cross-
ing of VIL(DC)max and the first crossing of VREF(DC). The hold (tIH) typical slew rate for a falling
signal is defined as the slew rate between the last crossing of VIH(DC)min and the first crossing
of VREF(DC). If the actual signal is always later than the typical slew rate line between the shaded
DC-to-VREF(DC) region, use the typical slew rate for the derating value. If the actual signal is
earlier than the typical slew rate line anywhere between the shaded DC-to-VREF(DC) region, the
slew rate of a tangent line to the actual signal from the DC level to VREF(DC) level is used for the
derating value.
For a valid transition, the input signal must remain above or below VIH/VIL(AC) for a specified time,
tVAC. For slow slew rates the total setup time could be a negative value (that is, a valid input signal
will not have reached VIH/VIL(AC) at the time of the rising clock transition). A valid input signal is
still required to complete the transition and reach VIH/VIL(AC).
For slew rates between the values listed, the derating values are obtained using linear interpola-
tion. Slew rate values are not typically subject to production testing. They are verified by design
and characterization.
CA and CS# Setup and Hold Base Values (> 400 MHz, 1 V/ns slew rate)
Parameter
Data Rate
Reference
tIS (base)
VIH/VIL(AC) = V REF(DC) ±220mV
tIH (base)
800
70
160
933
30
120
1066
0
90
667
150
240
533
240
330
466
300
390
VIH/VIL(DC) = V REF(DC) ±130mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com