Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 101 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 101 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 105Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
101
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Derating Values for AC/DC-based tIS/tIH (AC220) - tIS, tIH derating in [ps], AC/DC-based
CK, CK# Di erential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
CA, CS# slew
rate V/ns
2.0
110
65
110
65
110
65
1.5
74
43
73
43
73
43
89
59
1.0
000
0
00
16
16
32
32
0.9
-3
-5
-3
-5
13
11
29
27
45
43
0.8
-8
-13
83
24
19
40
35
56
55
0.7
2-61810342650466678
0.6
10
-3
26
13
42
33
58
65
0.5
4-420163648
0.4
-7
21734
Note: Shaded cells are not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com