Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 57 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 57 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 61Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
57
Rev. C
07/02/2021
® Long-term Support
World Class Quality
The LPDDR2 devices provide significant flexibility in scheduling REFRESH commands as long as
the required boundary conditions are met (see figure of tSRF Definition).
In the most straightforward implementations, a REFRESH command should be scheduled every
tREFI. In this case, self refresh can be entered at any time.
Users may choose to deviate from this regular refresh pattern, for instance, to enable a period in
which no refresh is required. As an example, using a 1Gb LPDDR2 device, the user can choose
to issue a refresh burst of 4096 REFRESH commands at the maximum supported rate (limited
by tREFBW), followed by an extended period without issuing any REFRESH commands, until the
refresh window is complete. The maximum supported time without REFRESH commands is calcu-
lated as follows: tREFW - (R/8) × tREFBW= tREFW - R × 4 × tRFCab.
For example, a 1Gb device at TC
≤ 85˚C can be operated without a refresh for up to 32ms - 4096 ×
4 × 130ns
≈ 30ms.
Both the regular and the burst/pause patterns can satisfy refresh requirements if they are repeated
in every 32ms window. It is critical to satisfy the refresh requirement in every rolling refresh window
during refresh pattern transitions. The supported transition from a burst pattern to a regular distrib-
uted pattern is shown in figure of Supported Transition from Repetitive REFRESH Burst .
If this transition occurs immediately after the burst refresh phase, all rolling tREFW intervals will
meet the minimum required number of REFRESH commands.
A nonsupported transition is shown in Figure of Nonsupported Transition from Repetitive RE-
FRESH Burst . In this example, the regular refresh pattern starts after the completion of the pause
phase of the burst/pause refresh pattern. For several rolling tREFW intervals, the minimum number
of REFRESH commands is not satisfied.
Understanding this pattern transition is extremely important, even when only one pattern is em-
ployed. In self refresh mode, a regular distributed refresh pattern must be assumed.
ISSI recommends entering self refresh mode immediately following the burst phase of a burst/
pause refresh pattern; upon exiting self refresh, begin with the burst phase (see Figure of Recom-
mended Self Refresh Entry and Exit ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com