Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
10
Rev. C
07/02/2021
® Long-term Support
World Class Quality
5. ZQ Calibration
After tINIT5 (Tf ), the MRR initialization calibration (ZQ_CAL) command can be issued to the memory (MR10).
This command is used to calibrate output impedance over process, voltage, and temperature. In systems where more
than one LPDDR2 device exists on the same bus, the controller must not overlap MRR ZQ_CAL commands. The
device is ready for normal operation after tZQINIT.
6. Normal Operation
After tZQINIT (Tg), MRW commands must be used to properly configure the memory . Specifically, MR1, MR2, and
MR3 must be set to configure the memory for the target frequency and memory configuration
After the initialization sequence is complete, the device is ready for any valid command. After Tg, the clock frequency
can be changed using the procedure described in Input Clock Frequency Changes and Clock Stop Events‖.
INITIALIZATION TIMING
Symbol Parameter
Value
Unit
min
max
tINIT0
Maximum Power Ramp Time
-
20
ms
tINIT1
Minimum CKE low time after completion of power ramp
100
-
ns
tINIT2
Minimum stable clock before first CKE high
5
-
tCK
tINIT3
Minimum idle time after first CKE assertion
200
-
us
tINIT4
Minimum idle time after Reset command, this time will be about 2 x
tRFCab + tRPab
1
-
us
tINIT5
Maximum duration of Device Auto-Initialization
-
10
us
tCKb
Clock cycle time during boot
18
100
ns
tZQINIT ZQ initial calibration
1
-
us
Figure - Power Ramp and Initialization Sequence
Ta
Tb
Tc
Td
Te
Tf
Tg
RESET
MRR
MRW
ZQ_CAL
Valid
CK/CK#
Supplies
CKE
CA
RTT
DQ
tINIT0
tINIT1
tINIT3
tINIT4
tZQINIT
tINIT5
tISCKE
tINIT2
Initialization After RESET (without voltage ramp):
If the RESET command is issued before or after the power-up initialization sequence, the re-initialization procedure
must begin at Td



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com