Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
13
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Mode Register Assignment
MR#MA <7:0>FunctionAccessOP7 OP6OP5 OP4OP3 OP2OP1 OP0
20-31
18H-1FH
Reserved
Mode Register Assignment (Reset Command & RFU part)
MR#
MA <7:0>
Function
Access
OP7 OP6 OP5 OP4 OP3 OP2 OP1
OP0
32
20H
DQ calibration pattern A
R
See “Data Calibration Pattern Description”
33-39
21H-27H
(Do Not Use)
40
28H
DQ calibration pattern B
R
See “Data Calibration Pattern Description”
41-47
29H-2FH
(Do Not Use)
48-62
30H-3EH
(Reserved)
(RFU)
63
3FH
Reset
W
X
64-126
40H-7EH
(Reserved)
(RFU)
127
7FH
(Do Not Use)
128-190
80H-BEH
(Reserved for Vendor Use)
(RFU)
191
BFH
(Do Not Use)
192-254
C0H-FEH
(Reserved for Vendor Use)
(RFU)
255
FFH
(Do Not Use)
Notes:
1. RFU bits shall be set to ‘0’ during Mode Register writes.
2.RFU bits shall be read as ‘0’ during Mode Register reads.
3.All Mode Registers that are specified as RFU or write-only shall return undefined data when read and DQS shall be toggled.
4.All Mode Registers that are specified as RFU shall not be written.
5.See Vendor Device Datasheets for details on Vendor Specific Mode Registers.
6.Writes to read-only registers shall have no impact on the functionality of the device.
Notes:
1. If RZQI is supported, it will be set upon completion of the MRW ZQ initialization calibration.
2. If ZQ is connected to V
DDCA, to set default calibration, OP[4:3] must be set to 01. If ZQ is not connected to VDDCA, either OP[4:3]
= 01 or OP[4:3] = 10 could indicate a ZQ-pin assembly error. It is recommended that the assembly error be corrected.
3. In the case of a possible assembly error (either OP[4:3] = 01 or OP[4:3] = 10, as defined above), the device will default to
factory trim settings for R
ON and ignore ZQ calibration commands. In either case, the system might not function as intended.
4. If a ZQ self test returns a value of 11b, this indicates that the device has detected a resistor connection to the ZQ pin. Note
that this result cannot be used to validate the ZQ resistor value, nor does it indicate that the ZQ resistor tolerance meets the
specified limits (240 ohm ±1%).
MR0_Device Information (MA<7:0> = 00H):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
(RFU)
OP <4:3>
RZQI
RZQI
Read-only
(RFU)
DI
DAI
OP1
DI (Device Information)
Read-only
0B: SDRAM
1B: Do Not Use
00
B: RZQ self test not supported
01
B: ZQ pin might be connected to VDDCA or left floating
10
B: ZQ pin might be shorted to ground
11
B: ZQ pin self test compelte; no error condition detected
OP0
DAI (Device Auto-Initialization
Status)
Read-only
0B: DAI complete
1B: DAI still in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com