Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 61 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 61 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 65Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
61
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Recommended Self Refresh Entry and Exit
REFRESH Requirements
1. Minimum Number of REFRESH Commands
Mobile LPDDR2 requires a minimum number, R, of REFRESH (REFab) commands within any roll-
ing refresh window (tREFW = 32 ms @ MR4[2:0] = 011 or TC
≤ 85˚C). For actual values per den-
sity and the resulting average refresh interval (tREFI).
For tREFW and tREFI refresh multipliers at different MR4 settings, see the MR4 Device Tempera-
ture (MA[7:0] = 04h) table.
For devices supporting per-bank REFRESH, a REFab command can be replaced by a full cycle of
eight REFpb commands.
2. Burst REFRESH Limitation
To limit current consumption, a maximum of eight REFab commands can be issued in any roll-
ing tREFBW (tREFBW = 4 × 8 × tRFCab). This condition does not apply if REFpb commands are
used.
3. REFRESH Requirements and Self Refresh
If any time within a refresh window is spent in self refresh mode, the number of required REFRESH
commands in that window is reduced to the following:
R’ = RU〔tSRF / tREFI〔= R - RU ×〔R x tSRF / tREFW〔
Where RU represents the round-up function.
Note: In conjunction with a burst/pause refresh pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com