Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 52 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 52 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 56Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
52
Rev. C
07/02/2021
® Long-term Support
World Class Quality
From
Command
To Command
Minimum Delay between "From Command" to
"To Command"
Unit Note
s
Precharge (to same Bank as Read)
BL/2 + max(2, RU(tRTP/tCK)) - 2
clks
1
Precharge All
BL/2 + max(2, RU(tRTP/tCK)) - 2
clks
1
Precharge (to same Bank as Read)
1clks1
Precharge All1
clks
1
Precharge (to same Bank as Read w/AP)
BL/2 + max(2, RU(tRTP/tCK)) - 2
clks
1,2
Precharge All
BL/2 + max(2, RU(tRTP/tCK)) - 2
clks
1
Activate (to same Bank as Read w/AP)
BL/2 + max(2, RU( RTP/ CK)) - 2 +
RU(tRP /tCK)
clks
1
Write or Write w/AP (same bank)
illegal
clks
3
Write or Write w/AP (different bank)
RL + BL/2 + RU(tDQSCKmax/tCK) - WL + 1
clks
3
Read or Read w/AP (same bank)
illegal
clks
3
Read or Read w/AP (different bank)BL/2clks3
Precharge (to same Bank as Write)
WL + BL/2 + RU(tWR/tCK) + 1
clks
1
Precharge All
WL + BL/2 + RU(tWR/tCK) + 1
clks
1
Precharge (to same Bank as Write)
WL + RU(tWR/tCK) + 1
clks
1
Precharge All
WL + RU(tWR/tCK) + 1
clks
1
Precharge (to same Bank as Write w/AP)
WL + BL/2 + RU(tWR/tCK) + 1
clks
1
Precharge All
WL + BL/2 + RU(tWR/tCK) + 1
clks
1
Activate (to same Bank as Write w/AP)
WL + BL/2 + RU(tWR/tCK) + 1 + RU(tRPpb/tCK) clks
1
Write or Write w/AP (same bank)
illegal
clks
3
Write or Write w/AP (different bank)BL/2clks3
Read or Read w/AP (same bank)
illegal
clks
3
Read or Read w/AP (different bank)
WL + BL/2 + RU(tWTR/tCK) + 1
clks
3
Precharge (to same Bank as Precharge)
1clks1
Precharge All1
clks
1
Precharge
1clks1
Precharge All1
clks
1
Precharge
Precharge
All
LPDDR2-S4: Precharge & Auto Precharge clarification
Read
BST
(for Reads)
Read w/AP
Write
BST
(for Writes)
Write w/AP
LPDDR2-S4: PRECHARGE and Auto Precharge Clarification
Notes:
1. For a given bank, the PRECHARGE period should be counted from the latest PRECHARGE command—either a one-bank
PRECHARGE or PRECHARGE ALL—issued to that bank.
The PRECHARGE period is satisfied after tRP, depending on the latest PRECHARGE command issued to that bank.
2. Any command issued during the specified minimum delay time is illegal.
3. After READ with auto precharge, seamless READ operations to different banks are supported.
After WRITE with auto precharge, seamless WRITE operations to different banks are supported. READ with auto precharge and
WRITE with auto precharge must not be interrupted or truncated.
Following an auto precharge operation, an ACTIVATE command can be issued to the same bank if the following two conditions
are satisfied simultaneously:
• The RAS precharge time (tRP) has been satisfied from the clock at which the auto precharge begins.
• The RAS cycle time (tRC) from the previous bank activation has been satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com