Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 75 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 75 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 79Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
75
Rev. C
07/02/2021
® Long-term Support
World Class Quality
ZQ External Resistor Value, Tolerance, and Capacitive Loading
To use the ZQ calibration function, a 240 ohm (±1% tolerance) external resistor must be connected
between the ZQ pin and ground. A single resistor can be used for each device or one resistor can
be shared between multiple devices if the ZQ calibration timings for each device do not overlap.
The total capacitive loading on the ZQ pin must be limited.
Power-Down
Power-down is entered synchronously when CKE is registered LOW and CS# is HIGH at the ris-
ing edge of clock. A NOP command must be driven in the clock cycle following power-down entry.
CKE must not go LOW while MRR, MRW, READ, or WRITE operations are in progress. CKE can
go LOW while any other operations such as ACTIVATE, PRECHARGE, auto precharge, or RE-
FRESH are in progress, but the power-down IDD specification will not be applied until such opera-
tions are complete.
If power-down occurs when all banks are idle, this mode is referred to as idle power-down;
if power-down occurs when there is a row active in any bank, this mode is referred to as active
power-down.
Entering power-down deactivates the input and output buffers, excluding CK, CK#, and CKE. In
power-down mode, CKE must be held LOW; all other input signals are “Don’t Care.” CKE LOW
must be maintained until tCKE is satisfied. VREFCA must be maintained at a valid level during
power-down.
VDDQ can be turned off during power-down. If VDDQ is turned off, VREFDQ must also be turned
off. Prior to exiting power-down, both VDDQ and VREFDQ must be within their respective mini-
mum/maximum operating ranges (see AC and DC Operating Conditions).
No refresh operations are performed in power-down mode. The maximum duration in power-down
mode is only limited by the refresh requirements outlined in REFRESH Command.
The power-down state is exited when CKE is registered HIGH. The controller must drive CS# HIGH
in conjunction with CKE HIGH when exiting the power-down state. CKE HIGH must be maintained
until tCKE is satisfied. A valid, executable command can be applied with power-down exit latency
tXP after CKE goes HIGH. Power-down exit latency is defined in the AC Timing section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com