Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 26 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 26 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
26
Rev. C
07/02/2021
® Long-term Support
World Class Quality
CKE Truth Table
Device
Current State*3
CKEn-1*1 CKEn*1 CS#
*
2
Notes
LL
x
LH
H
6,9
LL
x
LH
H
6,9
LL
x
LH
H
6,9,12
LL
x
LH
H
8
LL
x
LH
H
7,10
Bank(s) Active
HL
H
HL
H
HL
L
HL
L
Resetting
HL
H
Other states
HH
Device Next State
Idle
Power Down
x
NOP
Maintain Active Power Down
Exit Active Power Down
Active Power Down
Active
Idle Power Down
Idle
Resetting
Power Down
Active
Power Down
Command n*4
Operation n*4
xMaintain Idle Power Down
xMaintain Resertting Power Down
Maintain Deep Power Down
Deep Power Down
xMaintain Self Refresh
Self Refresh
Self Refresh
NOPExit Self Refresh
Idle
NOPEnter Resetting Power Down
Resetting Power Down
Refer to the Command Truth Table
Deep
Power Down
NOPExit Deep Power Down
Power On
x
Resetting Power Down
NOPExit Idle Power Down
NOPExit Resetting Power Down
Idle or Resetting
NOPEnter Active Power Down
Active Power Down
Enter
Self-Refresh
Enter Deep Power Down
Deep Power Down
All Banks Idle
NOPEnter Idle Power Down
Idle Power Down
Enter
Self-Refresh
Enter Self Refresh
Self Refresh
Notes:
1.“CKEn” is the logic state of CKE at clock edge n; “CKEn-1” was the logic state of CKE at previous clock edge.
2. “CS#” is the logic state of CS# at the clock rising edge n;
3. “Current state” is the state of the LPDDR2 device immediately prior to clock edge n.
4. “Command n” is the command registered at clock edge N, and “Operation n” is a result of “Command n”.
5. All states and sequences not shown are illegal or reserved unless explicitly described elsewhere in this document.
6. Power Down exit time (tXP) should elapse before a command other than NOP is issued.
7. Self-Refresh exit time (tXSR) should elapse before a command other than NOP is issued.
8. The Deep Power- Down exit procedure must be followed as discussed in the DPD section of the Functional Description.
9. The clock must toggle at least once during the tXP period.
10. The clock must toggle at least once during the tXSR period.
11. “x” means “Don’t care”.
12. Upon exiting Resetting Power Down, the device will return to the idle state if tINIT5 has expired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com