Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 67 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 67 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 71Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
67
Rev. C
07/02/2021
® Long-term Support
World Class Quality
MODE REGISTER READ
The MODE REGISTER READ (MRR) command is used to read configuration and status data from
SDRAM mode registers. The MRR command is initiated with CS# LOW, CA0 LOW, CA1 LOW,
CA2 LOW, and CA3 HIGH at the rising edge of the clock. The mode register
is selected by CA1f–CA0f and CA9r–CA4r. The mode register contents are available on the first
data beat of DQ[7:0] after RL × tCK + tDQSCK + tDQSQ and following the rising edge of the clock
where MRR is issued. Subsequent data beats contain valid but undefined
content, except in the case of the DQ calibration function, where subsequent data beats contain
valid content as described in Data Calibration Pattern Description. All DQS are toggled for the
duration of the mode register READ burst. The MRR command has a burst length of four. MRR
operation (consisting of the MRR command and the corresponding data traffic) must not be inter-
rupted. The MRR command period (tMRR) is two clock cycles.
MRR Timing – RL = 3, tMRR = 2
Notes:
1. MRRs to DQ calibration registers MR32 and MR40 are described in DQ Calibration .
2. Only the NOP command is supported during tMRR.
3. Mode register data is valid only on DQ[7:0] on the first beat. Subsequent beats contain valid but undefined data. DQ[MAX:8]
contain valid but undefined data for the duration of the MRR burst.
4. Minimum MRR to write latency is RL + RU(tDQSCKmax/tCK) + 4/2 + 1 - WL clock cycles.
5. Minimum MRR to MRW latency is RL + RU(tDQSCKmax/tCK) + 4/2 + 1 clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com