Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 83 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 83 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 87Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
83
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Deep Power-Down
Deep power-down (DPD) is entered when CKE is registered LOW with CS# LOW, CA0 HIGH, CA1
HIGH, and CA2 LOW at the rising edge of the clock. The NOP command must be driven in the
clock cycle following power-down entry. CKE must not go LOW while MRR or MRW operations are
in progress. CKE can go LOW while other operations such as ACTIVATE, auto precharge, PRE-
CHARGE, or REFRESH are in progress, however, deep power-down IDD specifications will not be
applied until those operations complete. The contents of the array will be lost upon entering DPD
mode.
In DPD mode, all input buffers except CKE, all output buffers, and the power supply to internal
circuitry are disabled within the device. VREFDQ can be at any level between 0 and VDDQ, and
VREFCA can be at any level between 0 and VDDCA during DPD. All power supplies (including
VREF) must be within the specified limits prior to exiting DPD (see AC and DC Operating Condi-
tions).
To exit DPD, CKE must be HIGH, tISCKE must be complete, and the clock must be stable. To re-
sume operation, the device must be fully reinitialized using the power-up initialization sequence.
Deep Power-Down Entry and Exit Timing
Notes:
1. The initialization sequence can start at any time after Tx + 1.
2. tINIT3 and Tx + 1 refer to timings in the initialization sequence. For details, see Mode Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com