Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 86 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 86 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 90Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
86
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Input/Output Capacitance
Parameter
Symbol
LPDDR2 1066-466
LPDDR2 400-200
Unit
Notes
MIN
MAX
MIN
MAX
Input capacitance, CK and CK#
CCK
1.0
2.0
1.0
2.0
pF
2, 3
Input capacitance delta, CK and CK#
CDCK
0
0.20
0
0.25
pF
2, 3, 4
Input capacitance, all other input-
only pins
CI
1.0
2.0
1.0
2.0
pF
2, 3, 5
Input capacitance delta, all other input-
only pins
CDI
–0.40
+0.40
–0.50
+0.50
pF
2, 3, 6
Input/output capacitance, DQ, DM, DQS,
DQS#
CIO
1.25
2.5
1.25
2.5
pF
2, 3, 7, 8
Input/output capacitance delta, DQS,
DQS#
CDDQS
0
0.25
0
0.30
pF
2, 3, 8, 9
Input/output capacitance delta, DQ, DM
CDIO
–0.5
+0.5
–0.6
+0.6
pF
2, 3, 8, 10
Notes:
1. TC –25˚C to +105˚C; VDDQ = 1.14–1.3V; VDDCA = 1.14–1.3V; VDD1 = 1.7–1.95V; VDD2 = 1.14–1.3V).
2. This parameter applies to die devices only (does not include package capacitance).
3. This parameter is not subject to production testing. It is verified by design and characterization. The capacitance is measured
according to
JEP147 (procedure for measuring input capacitance using a vector network analyzer), with VDD1, VDD2, VDDQ, VSS, VSSCA,
and
VSSQ applied; all other pins are left floating.
4. Absolute value of CCK - CCK#.
5. CI applies to CS#, CKE, and CA[9:0].
6. CDI = CI - 0.5 × (CCK + CCK#).
7. DM loading matches DQ and DQS.
8. MR3 I/O configuration drive strength OP[3:0] = 0001b (34.3 ohm typical).
9. Absolute value of CDQS and CDQS#.
10. CDIO = CIO - 0.5 × (CDQS + CDQS#) in byte-lane.
11. Maximum external load capacitance on ZQ pin: 5pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com