Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 17 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
17
Rev. C
07/02/2021
® Long-term Support
World Class Quality
101B:
0.25 × tREFI, 0.25 × tREFIpb, 0.25 × tREFW,
don’t re
-rate SDRAM AC timing
110B:
0.25 × tREFI, 0.25 × tREFIpb, 0.25 × tREFW,
derate SDRAM AC timing
111B:
SDRAM High temperature operating limit
exceeded
OP7
TUF (Temperature Update Flag)
Read-only
MR5_Basic Configuration 1 (MA<7:0> = 05H):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
LPDDR2 Manufacturer ID
OP<7:0>
Manufacturer ID
Read-only
0001 1011B: ISSI
All Others : Reserved
MR6_Basic Configuration 2 (MA<7:0> = 06H):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Revision ID1
OP<7:0>
Revision ID1
Read-only
00000000B: A-version
MR7_Basic Configuration 3 (MA<7:0> = 07H):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Revision ID2
OP<7:0>
Revision ID2
Read-only
00000000B: A-version
0
B: OP <2:0> value has not changed since last read of MR4.
1
B: OP <2:0> value has changed since last read of MR4.
Notes:
1. A Mode Register Read from MR4 will reset OP7 to “0”.
2. OP7 is reset to “0” at power-up.
3. If OP2 equals “1”, the device temperature is greater than 85C.
4. OP7 is set to “1”, if OP2~OP0 has changed at any time since the last read of MR4.
5. LPDDR2 might not operate properly when OP<2:0> = 000B or 111B.
6. For specified operating temperature range and maximum operating temperature.
7. LPDDR2 devices must be derated by adding 1.875ns to the following core timing parameters: tRCD, tRC, tRAS, tRP,
and tRRD. The tDQSCK parameter must be derated Prevailing clock frequency specifications and related setup and
hold timings remain unchanged.
8. The recommended frequency for reading MR4 is provided in “Temperature Sensor”
9. The temperature sensor embedded in the LPDDR2 device is not an accurate reflection of the DRAM Tcase operating
temperature. Sampling of the sensor has shown up to a ±10°C variance from actual Tcase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com