Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 102 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 102 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 106Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
102
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Required Time for Valid Transition with tVAC Above VIH(AC) and Below VIL(AC)
Typical Slew Rate and tVAC: tIS for CA and CS# Relative to Clock
Slew Rate (V/ns)
tVAC at 300mV (ps)
tVAC at 220mV (ps)
Min
Max
Min
Max
>2.0
75
–
175
–
2.0
57
–
170
–
1.5
50
–
167
–
1.0
38
–
163
–
0.9
34
–
162
–
0.8
29
–
161
–
0.7
22
–
159
–
0.6
13
–
155
–
0.5
0–
150
–
<0.5
0–
150
–
VREF to AC
region
VREF to AC
region
Setup slew rate
rising signal
Setup slew rate
falling signal
TF
TR
VREF(DC) - VIL(AC)max
TF
=
VIH(AC)min - V REF(DC)
TR
=
Typical
slew rate
VSSQ
DQS#
DQS
V
DDQ
VIH(DC)min
VREF(DC)
VIL(AC)max
VIL(DC)max
VIH(AC)min
Typical
slew rate
tVAC
tDH
tDS
tDS
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com