Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7665SCBAZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7665SCBAZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICL7665SCBAZ Datasheet HTML 1Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ICL7665S
FN3182 Rev 10.00
Page 5 of 15
August 10, 2015
Functional Block Diagram
AC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT DELAY TIMES
Input Going HI
tSO1D
VSET Switched between 1.0V to 1.6V
ROUT = 4.7k, CL = 12pF
RHYST = 20k, CL = 12pF
-85-
µs
tSH1D
-90-
µs
tSO2D
-55-
µs
tSH2D
-55-
µs
Input Going LO
tSO1D
VSET Switched between 1.6V to 1.0V
ROUT = 4.7k, CL = 12pF
RHYST = 20k, CL = 12pF
-75-
µs
tSH1D
-80-
µs
tSO2D
-60-
µs
tSH2D
-60-
µs
Output Rise Times
tO1R
VSET Switched between 1.0V to 1.6V
ROUT = 4.7k, CL = 12pF
RHYST = 20k, CL = 12pF
-0.6
-
µs
tO2R
-0.8
-
µs
tH1R
-7.5
-
µs
tH2R
-0.7
-
µs
Output Fall Times
tO1F
VSET Switched between 1.0V to 1.6V
ROUT = 4.7k, CL = 12pF
RHYST = 20k, CL = 12pF
-0.6
-
µs
tO2F
-0.7
-
µs
tH1F
-4.0
-
µs
tH2F
-1.8
-
µs
REF
SET1
SET2
+
-
+
-
V+
HYST2
HYST1
OUT2
OUT1
GND
CONDITIONS (Note 5)
VSET1 > 1.3V, OUT1 Switch ON, HYST1 Switch ON
VSET1 < 1.3V, OUT1 Switch OFF, HYST1 Switch OFF
VSET2 > 1.3V, OUT2 Switch OFF, HYST2 Switch ON
VSET2 < 1.3V, OUT2 Switch ON, HYST2 Switch OFF
NOTE:
8. See Electrical Specifications for exact thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com