Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7665SCBAZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7665SCBAZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICL7665SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 9Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 10Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 11Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 12Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 13Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ICL7665S
FN3182 Rev 10.00
Page 10 of 15
August 10, 2015
Combination Low Battery Warning and Low
Battery Disconnect
When using rechargeable batteries in a system, it is
important to keep the batteries from being over discharged.
The circuit shown in Figure 14 provides a low battery
warning and also disconnects the low battery from the rest of
the system to prevent damage to the battery. The OUT1 is
used to shutdown the ICL7663S when the battery voltage
drops to the value where the load should be disconnected.
As long as VSET1 is greater than 1.3V, OUT1 is low, but
when VSET1 drops below 1.3V, OUT1 goes high shutting off
the ICL7663S. The OUT2 is used for low battery warning.
When VSET2 is greater than 1.3V, OUT2 is high and the low
battery warning is on. When VSET2 drops below 1.3V, OUT2
is low and the low battery warning goes off. The trip voltage
for low battery warning can be set higher than the trip
voltage for shutdown to give advance low battery warning
before the battery is disconnected.
Power Fail Warning and Power-up/Power-down
Reset
Figure 14 shows a power fail warning circuit with
power-up/power-down reset. When the unregulated DC
input is above the trip point, OUT1 is low. When the DC input
drops below the trip point, OUT1 shuts OFF and the power
fail warning goes high. The voltage on the input of the 7805
will continue to provide 5V out at 1A until VIN is less than
7.3V, this circuit will provide a certain amount of warning
before the 5V output begins to drop.
The ICL7665S OUT2 is used to prevent a microprocessor
from writing spurious data to a CMOS battery backup
memory by causing OUT2 to go low when the 7805 5V
output drops below the ICL7665S trip point.
FIGURE 13. MULTIPLE SUPPLY FAULT MONITOR
HYST1
VSET1
VSET2
HYST2
V+
OUT1
OUT2
274k
R21
100k
22
POWER
OK
301
R11
+5V
-15V
-5V
M
k
787
k
+5V
1M
1.02M
R21A
R21B
49.9k
+5V
+15V
HYST1
SET1
SET2
HYST2
V+
OUT1
OUT2
R31
R32
R12
R11
R21
R22
GND
+
-
LOW BATTERY SHUTDOWN
1M
V+
OUT1
SHUTDOWN
VSET
OUT2
V+
GND
1M
LOW BATTERY WARNING
SENSE
100
+5V
1A
ICL7663S
ICL7665S
FIGURE 14. LOW BATTERY WARNING AND LOW BATTERY DISCONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com