Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7665SCBAZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7665SCBAZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICL7665SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 9Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 10Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 11Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 12Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 13Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 14Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ICL7665S
FN3182 Rev 10.00
Page 11 of 15
August 10, 2015
Simple High/Low Temperature Alarm
Figure 16 illustrates a simple high/low temperature alarm
which uses the ICL7665S with an NPN transistor. The voltage
at the top of R1 is determined by the VBE of the transistor and
the position of R1’s wiper arm. This voltage has a negative
temperature coefficient. R1 is adjusted so that VSET2 equals
1.3V when the NPN transistor’s temperature reaches the
temperature selected for the high temperature alarm. When
this occurs, OUT2 goes low. R2 is adjusted so that VSET1
equals 1.3V when the NPN transistor’s temperature reaches
the temperature selected for the low temperature alarm. When
the temperature drops below this limit, OUT1 goes low.
AC Power Fail and Brownout Detector
Figure 17 shows a circuit that detects AC undervoltage by
monitoring the secondary side of the transformer. The
capacitor, C1, is charged through R1 when OUT1 is OFF. With
a normal 100 VAC input to the transformer, OUT1 will
discharge C1 once every cycle, approximately every 16.7ms.
When the AC input voltage is reduced, OUT1 will stay OFF, so
that C1 does not discharge. When the voltage on C1 reaches
1.3V, OUT2 turns OFF and the power fail warning goes high.
The time constant, R1C1, is chosen such that it takes longer
than 16.7ms to charge C1 1.3V.
HYST1
VSET1
VSET2
HYST2
V+
OUT1
OUT2
5.86k
130k
BACKUP
BATTERY
7805
5V REGULATOR
UNREGULATED
DC INPUT
1M
22M
2.2M
1M
715k
1M
RESET OR
WRITE
ENABLE
POWER
FAIL
WARNING
470
F
4700
F
ICL7665S
FIGURE 15. POWER FAIL WARNING AND POWERUP/POWERDOWN RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com