Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC020SMB120SD Datasheet(PDF) 5 Page - Microchip Technology

Part # MSC020SMB120SD
Description  1200V, 20 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC020SMB120SD Datasheet(HTML) 5 Page - Microchip Technology

  MSC020SMB120SD Datasheet HTML 1Page - Microchip Technology MSC020SMB120SD Datasheet HTML 2Page - Microchip Technology MSC020SMB120SD Datasheet HTML 3Page - Microchip Technology MSC020SMB120SD Datasheet HTML 4Page - Microchip Technology MSC020SMB120SD Datasheet HTML 5Page - Microchip Technology MSC020SMB120SD Datasheet HTML 6Page - Microchip Technology MSC020SMB120SD Datasheet HTML 7Page - Microchip Technology MSC020SMB120SD Datasheet HTML 8Page - Microchip Technology MSC020SMB120SD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MSC020SMB120SD
Device Specifications
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00005748B - 5
Figure 1-5. ID vs. VDS 3rd Quadrant Conduction
-4
-3
-2
-1
0
-80
-60
-40
-20
0
VDS, Drain-to-Source Voltage (V)
TJ = 25 °C
+18 VGS
+15 VGS
-5 VGS
0 VGS
VGS -5 to 0 in 1V steps
Figure 1-6. ID vs. VDS 3rd Quadrant Conduction
-4
-3
-2
-1
0
-80
-60
-40
-20
0
VDS, Drain-to-Source Voltage (V)
+18 VGS
+15 VGS
0 VGS
-5 VGS
VGS -5 to 0 in 1 V steps
J
T = 150 °C
Figure 1-7. RDS(on) vs. Junction Temperature
-50 -25
0
25
50
75 100 125 150 175
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TJ, Junction Temperature (°C)
Normalized to 25 °C, VGS = 18V, ID at 23A
VGS = 18V
VGS = 15V
Figure 1-8. Gate Charge Characteristics
0
50
100
150
200
-5
0
5
10
15
20
QG, Gate Charge (nC)
IDS = 30A
VDS = 800V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com