Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC020SMB120SD Datasheet(PDF) 6 Page - Microchip Technology

Part # MSC020SMB120SD
Description  1200V, 20 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC020SMB120SD Datasheet(HTML) 6 Page - Microchip Technology

Back Button MSC020SMB120SD Datasheet HTML 2Page - Microchip Technology MSC020SMB120SD Datasheet HTML 3Page - Microchip Technology MSC020SMB120SD Datasheet HTML 4Page - Microchip Technology MSC020SMB120SD Datasheet HTML 5Page - Microchip Technology MSC020SMB120SD Datasheet HTML 6Page - Microchip Technology MSC020SMB120SD Datasheet HTML 7Page - Microchip Technology MSC020SMB120SD Datasheet HTML 8Page - Microchip Technology MSC020SMB120SD Datasheet HTML 9Page - Microchip Technology MSC020SMB120SD Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MSC020SMB120SD
Device Specifications
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00005748B - 6
Figure 1-9. Capacitance vs. Drain-to-Source Voltage
1
10
100
1000
10
100
1000
10000
VDS, Drain-to-Source Voltage (V)
f = 100 kHz
Level = 25 mVAC
VGS = 0V
Ciss
Coss
Crss
Figure 1-10. Qoss vs. Drain-to-Source Voltage
1
10
100
1000
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
Figure 1-11. Eoss vs. Drain-to-Source Voltage
1
10
100
1000
0.001
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
Figure 1-12. Switching Energy vs. VDS & ID
500
1000
0
200
400
600
800
1000
600
700
800
900
VDS, Drain-to-Source Voltage (V)
RG = 2Ω
FWD = MSC020SMB120SD
Eon 80A
60A
40A
20A
40A
Eoff 80A
20A
60A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com