Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC020SMB120SD Datasheet(PDF) 12 Page - Microchip Technology

Part # MSC020SMB120SD
Description  1200V, 20 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC020SMB120SD Datasheet(HTML) 12 Page - Microchip Technology

Back Button MSC020SMB120SD Datasheet HTML 5Page - Microchip Technology MSC020SMB120SD Datasheet HTML 6Page - Microchip Technology MSC020SMB120SD Datasheet HTML 7Page - Microchip Technology MSC020SMB120SD Datasheet HTML 8Page - Microchip Technology MSC020SMB120SD Datasheet HTML 9Page - Microchip Technology MSC020SMB120SD Datasheet HTML 10Page - Microchip Technology MSC020SMB120SD Datasheet HTML 11Page - Microchip Technology MSC020SMB120SD Datasheet HTML 12Page - Microchip Technology MSC020SMB120SD Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MSC020SMB120SD
Revision History
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00005748B - 12
3.
Revision History
The revision history describes the changes that were implemented in the document. The changes
are listed by revision, starting with the most current publication.
Table 3-1. Revision History
Revision
Date
Description
B
12/2025
The following changes are made in this revision of
the document:
•
Updated data sheet type from advance
information to final data sheet.
•
Added RDS(on) value at 175 °C in Table 1-3.
•
Updated Figure 1-7.
A
01/2025
Initial revision (advance information)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com