Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSS0271 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSS0271
Description  2.7 VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0271 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSS0271 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
PID257*** 05/97
MSS0271
MOSEL VITELIC INC.
Preliminary
Specifications subject to change without notice, contact your sales representatives for the most recent information.
Features
Single power can operate at 2.4 V through 6 V.
Current output can directly drive either buzzer or
speaker without a transistor.
Built-in Oscillating Resistor.
Single section, 2.79 seconds (4380h).
Speech with mute (behind) is up to 21.1 seconds
(20000h).
Repeat function that can repeat up to 8 times.
To turn on LED in sink connection.
Automatic power down.
CDS interface is provided.
Either level or edge trigger type at pin TG.
Either LED flasher or BUSY output at pin LED/BZ.
Either 6200Hz or 8400Hz S.R. for built-in Rosc.
Either holdable output or not.
Either retriggerable output or not.
Either fixed or dynamic type on LED flasher.
Either 3Hz or 6Hz LED fixed flasher, (S.R. dependent).
Either Fast or Slow debounce time.
General Description
The MSS0271 is a single-chip CMOS LSI demands minimal external components and memorizes voice up to 2.88
seconds (at 6 KHz S.R.) using the MOSEL qualified coding method (MPCM-4). The chip contains most of the
necessary circuit like oscillator, PLA, D/A converter, buzzer buffer, control and timing logic. Therefore, it can apply
to various voice systems with minimum external parts. Customer speech data will be edited and programmed into
PLA by changing one mask during the device fabrication.
OSCILLATOR
ADDRESS
GENERATOR
PLA
D/A
CONTROL LOGIC
Block Diagram
VSS
SP1
LB
2.7" VOICE ROM
SP2
Vdd
IN1
IN0
TG
Mask options
May 1997


Similar Part No. - MSS0271

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
More results

Similar Description - MSS0271

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
43 Voice ROM
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com