Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSS0271 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # MSS0271
Description  2.7 VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0271 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button MSS0271 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
MSS0271
MOSEL VITELIC INC.
Preliminary
Specifications subject to change without notice, contact your sales representatives for the most recent information.
Timing Critical
Acceptable Power on Signal & Ripple
power
TG
10% VDD
Power Up Delay
VSS=0.0V
90% VDD
t P
90% VDD
t R
t PUD
To play repeatedly
TG
Audio
LED
BUSY
To play
TG
Audio
LED
BUSY
t AELF
t AEZL
t TLLF
t TLZL
t THAS
t TLAE
t THLO
t THZH
t TLZL
t TLLF
t TLAE
t IWR2
t THZH
t THLO
t THAS
PID257*** 05/97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com