Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSS0271 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MSS0271
Description  2.7 VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0271 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MSS0271 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
MSS0271
MOSEL VITELIC INC.
Preliminary
Specifications subject to change without notice, contact your sales representatives for the most recent information.
DC Characteristics at 4.5 V
Symbol
I SB
I OP
I IH
I IL
I LED
I OH
I OL
I OHS
I OLS
I LEDT
R TG
d F/F
d F/F
Parameter
standby I
operation I
input high I
input low I
output low I
output high I
output low I
output high drive I
output low sink I
threshold sound to furn LED on
pull low R
frequency stability
frequency variation
Min.
23
typ.
10
9
-8
8
-90
200
75
Max
1
200
20
2
5
10
Unit
uA
uA
uA
uA
mA
mA
mA
mA
mA
%
Kohm
%
%
conditions
of IOHS
[F(4.5V) - F(4V)] / F(4.5V)
Valid
Vdd
Vdd
TG
TG
LED
BUSY
BUSY
SPs
SPs
TG
DC Characteristics at 3.0 V
Symbol
I SB
I OP
I IH
I IL
I LED
I OH
I OL
I OHS
I OLS
I LEDT
R TG
d F/F
d F/F
Parameter
standby I
operation I
input high I
input low I
output low I
output high I
output low I
output high drive I
output low sink I
threshold sound to furn LED on
pull low R
frequency stability
frequency variation
Min.
20
typ.
5
1
8
-3
3
-45
100
75
Max
1
150
15
2
5
10
Unit
uA
uA
uA
uA
mA
mA
mA
mA
mA
%
Kohm
%
%
conditions
of IOHS
[F(3V) - F(2.7V)] / F(3V)
Valid
Vdd
Vdd
TG
TG
LED
BUSY
BUSY
SPs
SPs
TG
Note:A bulk capacitor 0.1uF across the Vdd to Vss is demanded.
PID257*** 05/97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com