Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA5ES Datasheet(PDF) 134 Page - NXP Semiconductors

Part # MPF0900AMMA5ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA5ES Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button MPF0900AMMA5ES Datasheet HTML 130Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 131Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 132Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 133Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 134Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 135Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 136Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 137Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
13.3.4 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V,
VSWxFB = 3.3 V (SW1), 1.0 V (SW2/SW3), 0.8 V(SW4/SW5), 3.3 V (LDO Regulator), 1.8 V (VAON), and TA = 25 °C unless
otherwise noted. MONx applies to all internal voltage monitors: VSWxMON, VLDOxMON, VMONx and VAONMON.
Symbol
Description
Min
Typ
Max
Unit
IQ_MONx
Block quiescent current
–
7
10
µA
tON_MONx
Voltage monitor settling time after enabled
–
–
30
µs
VUVHYS_MONx
UV hysteresis
• voltage difference between UV rising and falling thresholds
0.5
–
1
%
VUVACC_MONx UV threshold accuracy for Vref ≥ 0.75 V
-1
–
1
%
VUVACC_MONx UV threshold accuracy for Vref < 0.75 V
-1.5
–
-1.5
%
tUVDBN0_MONx
UV debounce time
• UV_DBNC[1:0] = 00
2.5
5
7.5
µs
tUVDBN1_MONx
UV debounce time
• UV_DBNC[1:0] = 01
10
15
20
µs
tUVDBN2_MONx
UV debounce time
• UV_DBNC[1:0] = 10
20
30
40
µs
tUVDBN3_MONx
UV debounce time
• UV_DBNC[1:0] = 11
25
40
55
µs
VOVACC_MONx OV threshold accuracy for Vref ≥ 0.75 V
-1
–
1
%
VOVACC_MONx OV threshold accuracy for Vref < 0.75 V
-1.5
–
-1.5
%
VOVHYS_MONx
OV hysteresis
• voltage difference between OV rising and falling thresholds
0.5
–
1
%
tOVDBN0_MONx
OV debounce time
• OV_DBNC[1:0] = 00
15
25
35
µs
tOVDBN1_MONx
OV debounce time
• OV_DBNC[1:0] = 01
35
50
65
µs
tOVDBN2_MONx
OV debounce time
• OV_DBNC[1:0] = 10
55
80
105
µs
tOVDBN3_MONx
OV debounce time
• OV_DBNC[1:0] = 11
90
125
160
µs
IQ_VAONMON
VAONMON quiescent current
–
7
10
µA
tON_VAONMON
VAONMON settling time after enabled
–
–
30
µs
VUVHYS_
VAONMON
VAONMON UV hysteresis
• Voltage difference between UV rising and falling thresholds
1
–
2
%
VUVACC_
VAONMON
VAONMON UV threshold accuracy
-2
–
2
%
tUVDBN0_
VAONMON
VAONMON UV debounce
• UV_DBNC[1:0] = 00
2.5
5
7.5
µs
tUVDBN1_
VAONMON
VAONMON UV debounce
• UV_DBNC[1:0] = 01
10
15
20
µs
Table 180. Voltage monitor electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
134 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com