Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA5ES Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MPF0900AMMA5ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA5ES Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MPF0900AMMA5ES Datasheet HTML 31Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 32Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 33Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 34Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 35Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 36Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 37Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 38Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_xxxx_SEQ[7:0] bits. The GPOx_SEQ[7:0] bits for the programmable IOs are valid only if the IO pin is
configured as a GPO. (OTP_GPIOx_MODE = 0.)
Channel
OTP bits
Functional bits (power-
down sequence)
Required condition
SW1
OTP_SW1_SEQ[7:0]
SW1_SEQ[7:0]
–
SW2
OTP_SW2_SEQ[7:0]
SW2_SEQ[7:0]
–
SW3
OTP_SW3_SEQ[7:0]
SW3_SEQ[7:0]
–
SW4
OTP_SW4_SEQ[7:0]
SW4_SEQ[7:0]
–
SW5
OTP_SW5_SEQ[7:0]
SW5_SEQ[7:0]
–
LDO1
OTP_LDO1_SEQ[7:0]
LDO1_SEQ[7:0]
–
LDO2
OTP_LDO2_SEQ[7:0]
LDO2_SEQ[7:0]
–
LDO3
OTP_LDO3_SEQ[7:0]
LDO3_SEQ[7:0]
–
VAON
OTP_VAON_SEQ[7:0]
VAON_SEQ[7:0]
–
RSTB
OTP_RSTB_SEQ[7:0]
RSTB_SEQ[7:0]
–
GPIO1
OTP_GPO1_SEQ[7:0]
GPO1_SEQ[7:0]
OTP_GPIO1_MODE = 00 or 01
GPIO2
OTP_GPO2_SEQ[7:0]
GPO2_SEQ[7:0]
OTP_GPIO2_MODE = 00 or 01
GPIO3
OTP_GPO3_SEQ[7:0]
GPO3_SEQ[7:0]
OTP_GPIO3_MODE = 00 or 01
GPIO4
OTP_GPO4_SEQ[7:0]
GPO4_SEQ[7:0]
OTP_GPIO4_MODE = 00 or 01
VMON1
OTP_VMON1_SEQ[7:0]
VMON1_SEQ[7:0]
–
VMON2
OTP_VMON2_SEQ[7:0]
VMON2_SEQ[7:0]
–
Table 29. List of channels with selectable power-up sequencing
The _SEQ[7:0] bits set the corresponding channel sequence from 0 to 254. A sequence code of 0x00 indicates
that the particular channel is not part of the power-up sequence, that is:
• Remains OFF in the case of a regulator
• Remains low in the case of a GPO
• Remains disabled in the case of an external VMON
Regulators, GPIOs and voltage monitors that are not enabled during the power-up sequence can be enabled
during the SYSTEM ON states via the functional registers.
OTP_SWx_SEQ[7:0] OTP_
LDOx_SEQ[7:0] OTP_GPOx_
SEQ[7:0] OTP_VMONx_
SEQ[7:0] OTP_RSTB_SEQ[7:0]
SWx_SEQ[7:0] LDOx_
SEQ[7:0] GPOx_
SEQ[7:0] VMONx_
SEQ[7:0] RSTB_SEQ[7:0]
Sequence slot
Startup time [µs]
00000000
00000000
Off
Off
00000001
00000001
0
SLOT0
00000010
00000010
1
SEQ_TBASE x SLOT1
00000011
00000011
2
SEQ_TBASE x SLOT2
…
…
…
…
11111101
11111101
252
SEQ_TBASE x SLOT252
11111110
11111110
253
SEQ_TBASE x SLOT253
Table 30. Channel sequence
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
35 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com