Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA5ES Datasheet(PDF) 96 Page - NXP Semiconductors

Part # MPF0900AMMA5ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA5ES Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button MPF0900AMMA5ES Datasheet HTML 92Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 93Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 94Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 95Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 96Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 97Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 98Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 99Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
SW1_STBY_MODE[1:0]
Mode selection in STANDBY
01
PWM[1]
10
PFM
11
Reserved
Table 116. Mode selection in STANDBY...continued
[1]
PWM selection is only available during the monitored STANDBY state. The regulator will operate in PFM when the device is in the LP_STANDBY state.
The default value for the SW1_STBY_MODE[1:0] bits is loaded at power-up from the OTP_SW1_STBY_EN bit.
OTP_SW1_STBY_EN
SW1 operation in STANDBY
0
OFF
1
PFM
Table 117. Default SW1 mode selection during STANDBY
When the SW1 regulator changes the mode between the PWM and PFM, The SW1_MODE_I interrupt will be
generated when the mode transition is finished. The INTB pin will be asserted if the SW1_MODE interrupt is not
masked.
The SW1_ILIM[1:0] bits are provided to program the current limit detection in the SW1 regulator. The default
current limit is loaded at power up from the OTP_SW1_ILIM[1:0] bits.
SW1_ILIM[1:0]
Current limit
00
6.0 A
01
4.0 A
10
5.0 A
11
6.0 A
Table 118. Current limit selection bits
The SW1_PH[2:0] bits are provided to control the phase shift of the switching frequency. The default switching
phase is loaded at power up from the OTP_SW1_PH[2:0] bits.
SW1_PH[2:0]
Phase control
000
45°
001
90°
010
135°
011
180°
100
225°
101
270°
110
315°
111
0°
Table 119. SW1 phase shift selection bits
13.2.2.1 3.3 V load switch operation
The load switch operation in SW1 is provided to support systems operating from a 3.3 V input supply requiring
a 3.3 V gated output capable of being sequenced in the right order during the Power-up sequence. In such
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
96 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com