Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA5ES Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MPF0900AMMA5ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA5ES Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MPF0900AMMA5ES Datasheet HTML 76Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 77Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 78Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 79Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 80Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 81Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 82Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 83Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
When the output is set as push-pull driver, the PF09 will use the VIN internally to set the high state on the
GPIO3 pin.
The GPIO3 uses the OTP_SEQ_TBASE[1:0] and the OTP_GPO3_SEQ[7:0] bits, to enable the GPO by default
at a specific time slot during the power-up sequence. Refer to section 16.3.3 Regulator Power-up Sequence, for
a detailed description of the Power-up sequence.
The GPIO3 pin is designed to have independent control configuration during the RUN and the STANDBY states,
to allow full control of the GPIO3 when going in and out of the STANDBY state.
In the RUN state, the level of the GPIO3 pin can be controlled manually via the GPIO3_RUN bit.
GPIO3_RUN
GPIO3 state
0
Low
1
High
Table 93. GPIO3 state in RUN state
In the STANDBY state, the level of the GPIO3 pin can be controlled manually via the GPIO3_STBY bit.
GPIO3_STBY
GPIO3 state
0
Low
1
High
Table 94. GPIO3 state in STANDBY state
12.8.12 GPIO4
The GPIO4 pin is a programmable general-purpose IO with a selectable open-drain or push-pull output buffer.
The GPIO pin is configurable as a general-purpose output (GPO) via the OTP_GPIO4_MODE[1:0] bits.
OTP_GPIO4_MODE[1:0]
GPIO4 mode
00
Open-drain output
01
Push-pull output
10
Reserved
11
Reserved
Table 95. GPIO4 mode
The GPIO4_S flag is provided to read the real-time state of the GPIO4 pin.
GPIO4_S
GPIO4 state
0
Low
1
High
Table 96. GPIO4_S flag
12.8.12.1 GPO mode
When the GPIO4 is used as a general-purpose output (GPO mode), the pin will be asserted low during the OFF
states. It can be set high by default during the Power-up sequence, or manually during the system-on states.
When the output is set as an open drain, the GPIO4 pin can be pulled up to any voltage lower than VIN with an
external resistor between 10 kΩ and 470 kΩ.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
80 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com