Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA5ES Datasheet(PDF) 152 Page - NXP Semiconductors

Part # MPF0900AMMA5ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA5ES Datasheet(HTML) 152 Page - NXP Semiconductors

Back Button MPF0900AMMA5ES Datasheet HTML 148Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 149Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 150Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 151Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 152Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 153Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 154Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 155Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 156Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056082
0
WD_OK_CNT
WD refresh OK
1
WD refresh OK
2
WD refresh OK
3
WD refresh OK
4
WD refresh OK
5
n = WDOK_FC
WD_OK_CNT
reset after
reaching max
count
WD refresh NOK
FAULT_CNT -1
WD refresh OK
Figure 41. WD_OK counter
The WD_OK counter works together with the WD_OK_FCD[2:0] bits to allow a number of consecutive WD_OK
events to reduce the fault and reset counters by 1.
The WD_OK_FCD[2:0] provides an automatic way to keep the system counters clean as long as the system is
healthy and able to service the PMIC watchdog. This reduces the need of constant housekeeping which could
potentially result in systemic fault conditions where the system can fall into a software loop where it is not able
to move forward and the PMIC is not able to reach the maximum fault count limit, because the MCU clears the
fault counters within the software loop.
The default value for the WD_OK_FCD[2:0] is loaded from OTP at power up via the OTP_WD_OK_FDC[2:0]
bits.
WD_OK_FCD[2:0]
Good WD fault clear
000
Good WD cannot clear faults
001
Every one WD refresh OK
010
Every two WD refresh OK
011
Every three WD refresh OK
100
Every four WD refresh OK
101
Every five WD refresh OK
110
Every six WD refresh OK
111
Every seven WD refresh OK
Table 198. WD_OK events required to reduce the Fault counter by 1
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
152 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com