Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT6375IDF#PBF Datasheet(PDF) 4 Page - Analog Devices

Part # LT6375IDF#PBF
Description  ±270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6375IDF#PBF Datasheet(HTML) 4 Page - Analog Devices

  LT6375IDF#PBF Datasheet HTML 1Page - Analog Devices LT6375IDF#PBF Datasheet HTML 2Page - Analog Devices LT6375IDF#PBF Datasheet HTML 3Page - Analog Devices LT6375IDF#PBF Datasheet HTML 4Page - Analog Devices LT6375IDF#PBF Datasheet HTML 5Page - Analog Devices LT6375IDF#PBF Datasheet HTML 6Page - Analog Devices LT6375IDF#PBF Datasheet HTML 7Page - Analog Devices LT6375IDF#PBF Datasheet HTML 8Page - Analog Devices LT6375IDF#PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LT6375
4
6375fa
For more information www.linear.com/LT6375
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA < 125°C for H-grade parts, otherwise specifications are at TA = 25°C,
V+ = 15V, V– = –15V, VCM = VOUT = VREF = 0V. VCMOP is the common mode voltage of the internal op amp. For Resistor Divider
Ratio = 7, ±REFA = ± REFC = OPEN, ±REFB = 0V. For Resistor Divider Ratio = 20, ±REFA = ±REFC = 0V, ±REFB = OPEN. For Resistor
Divider Ratio = 25, ±REFA = ±REFB = ±REFC = 0V.
SYMBOL PARAMETER
CONDITIONS
LT6375A
LT6375
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
eno
Output Referred Noise Voltage
Density
f = 1kHz
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
250
508
599
250
508
599
nV/√Hz
nV/√Hz
nV/√Hz
Output Referred Noise Voltage
f = 0.1Hz to 10Hz
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
10
20
25
10
20
25
µVP-P
µVP-P
µVP-P
VOL
Output Voltage Swing Low
(Referred to V–)
No Load
ISINK = 5mA
l
l
5
280
50
500
5
280
50
500
mV
mV
VOH
Output Voltage Swing High
(Referred to V+)
No Load
ISOURCE = 5mA
l
l
5
400
20
750
5
400
20
750
mV
mV
ISC
Short-Circuit Output Current
50Ω to V+
50Ω to V–
l
l
10
10
28
30
10
10
28
30
mA
mA
SR
Slew Rate
∆VOUT = ±5V
l
1.6
2.4
1.6
2.4
V/µs
BW
Small Signal –3dB Bandwidth
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
575
375
310
575
375
310
kHz
kHz
kHz
tS
Settling Time
Resistor Divider Ratio = 7
0.01%, ∆VOUT = 10V
0.1%, ∆VOUT = 10V
0.01%, ∆VCM = 10V, ∆VDIFF = 0V
41
14
100
41
14
100
µs
µs
µs
Resistor Divider Ratio = 20
0.01%, ∆VOUT = 10V
0.1%, ∆VOUT = 10V
0.01%, ∆VCM = 10V, ∆VDIFF = 0V
31
11
100
31
11
100
µs
µs
µs
Resistor Divider Ratio = 25
0.01%, ∆VOUT = 10V
0.1%, ∆VOUT = 10V
0.01%, ∆VCM = 10V, ∆VDIFF = 0V
26
8
20
26
8
20
µs
µs
µs
VS
Supply Voltage
l
3
3.3
50
50
3
3.3
50
50
V
V
tON
Turn-On Time
16
16
µs
VIL
SHDN Input Logic Low
(Referred to V+)
l
–2.5
–2.5
V
VIH
SHDN Input Logic High
(Referred to V+)
l
–1.2
–1.2
V
ISHDN
SHDN Pin Current
l
–10
–15
–10
–15
µA
IS
Supply Current
Active, VSHDN ≥ V+ –1.2V
Active, VSHDN ≥ V+ –1.2V
Shutdown, VSHDN ≤ V+ –2.5V
Shutdown, VSHDN ≤ V+ –2.5V
l
l
350
20
400
600
25
70
350
20
400
600
25
70
µA
µA
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com