Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT6375IDF#PBF Datasheet(PDF) 11 Page - Analog Devices

Part # LT6375IDF#PBF
Description  ±270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6375IDF#PBF Datasheet(HTML) 11 Page - Analog Devices

Back Button LT6375IDF#PBF Datasheet HTML 7Page - Analog Devices LT6375IDF#PBF Datasheet HTML 8Page - Analog Devices LT6375IDF#PBF Datasheet HTML 9Page - Analog Devices LT6375IDF#PBF Datasheet HTML 10Page - Analog Devices LT6375IDF#PBF Datasheet HTML 11Page - Analog Devices LT6375IDF#PBF Datasheet HTML 12Page - Analog Devices LT6375IDF#PBF Datasheet HTML 13Page - Analog Devices LT6375IDF#PBF Datasheet HTML 14Page - Analog Devices LT6375IDF#PBF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LT6375
11
6375fa
For more information www.linear.com/LT6375
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Time
Settling Time
Output Offset Voltage
vs Temperature
Thermal Shutdown Hysteresis
Quiescent Current vs SHDN
Voltage
Quiescent Current vs Supply
Voltage
Minimum Supply Voltage
Quiescent Current vs Temperature
Shutdown Quiescent Current vs
Supply Voltage
10 UNITS
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
200
250
300
350
400
450
500
550
6375 G37
TEMPERATURE (°C)
145
150
155
160
165
170
0
100
200
300
400
500
600
6375 G38
VSHDN = 0V
150°C
125°C
85°C
25°C
–40°C
–55°C
SUPPLY VOLTAGE (V)
0
10
20
30
40
50
0
10
20
30
40
50
LT6375 G40
VS = ±15V
SHDN VOLTAGE (V)
0
5
10
15
0
50
100
150
200
250
300
350
400
450
500
550
6375 G41
150°C
125°C
85°C
25°C
–40°C
–55°C
TA = 125°C
TA = 25°C
TA = –45°C
DIV = 7
TOTAL SUPPLY VOLTAGE (V)
0
1
2
3
4
5
–150
–100
–50
0
50
100
150
6375 G42
DIV = 7
ERROR VOLTAGE
TIME (10µs/DIV)
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–4
–2
0
2
4
6
8
10
12
14
16
6375 G34
OUTPUT VOLTAGE
DIV = 7
ERROR VOLTAGE
TIME (10µs/DIV)
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–16
–14
–12
–10
–8
–6
–4
–2
0
2
4
6375 G35
OUTPUT VOLTAGE
TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140
–3000
–2250
–1500
–750
0
750
1500
2250
3000
6375 G36
DIV = 20
10 UNITS
TA = 25°C, VS = ±15V, unless otherwise noted.
TA = 150°C
TA = –55°C
PARAMETRIC SWEEP IN ~25°C
INCREMENTS
SUPPLY VOLTAGE (V)
0
10
20
30
40
50
0
100
200
300
400
500
600
6375 G39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com