Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT6375IDF#PBF Datasheet(PDF) 7 Page - Analog Devices

Part # LT6375IDF#PBF
Description  ±270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6375IDF#PBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LT6375IDF#PBF Datasheet HTML 3Page - Analog Devices LT6375IDF#PBF Datasheet HTML 4Page - Analog Devices LT6375IDF#PBF Datasheet HTML 5Page - Analog Devices LT6375IDF#PBF Datasheet HTML 6Page - Analog Devices LT6375IDF#PBF Datasheet HTML 7Page - Analog Devices LT6375IDF#PBF Datasheet HTML 8Page - Analog Devices LT6375IDF#PBF Datasheet HTML 9Page - Analog Devices LT6375IDF#PBF Datasheet HTML 10Page - Analog Devices LT6375IDF#PBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LT6375
7
6375fa
For more information www.linear.com/LT6375
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: See Common Mode Voltage Range in the Applications Information
section of this data sheet for other considerations when taking +IN/–IN
pins to ±270V. All other pins should not be taken more than 0.3V beyond
the supply rails.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply, input
voltages and the output current.
Note 4: The LT6375I is guaranteed functional over the operating
temperature range of –40°C to 85°C. The LT6375H is guaranteed
functional over the operating temperature range of –40°C to 125°C.
Note 5: The LT6375I is guaranteed to meet specified performance from
–40°C to 85°C. The LT6375H is guaranteed to meet specified performance
from –40°C to 125°C.
Note 6: This parameter is not 100% tested.
Note 7: Input voltage range is guaranteed by the CMRR test at VS = ±15V
and all REF pins at ground (Resistor Divider Ratio = 25). For the other
voltages, this parameter is guaranteed by design and through correlation
with the ±15V test. See Common Mode Voltage Range in the Applications
Information section to determine the valid input voltage range under
various operating conditions.
Note 8: Input impedance is tested by a combination of direct measurement
and correlation to the CMRR and gain error tests.
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Distribution of Gain Error
Typical Distribution of Gain Error
Typical Distribution of Gain Error
Typical Distribution of CMRR
Typical Distribution of CMRR
Typical Distribution of CMRR
CMRR (µV/V = ppm)
–40 –30 –20 –10
0
10
20
30
40
0
20
40
60
80
100
120
140
160
180
200
6375 G01
1248 UNITS
FROM 4 RUNS
BOTH PACKAGES
VS = ±15V
VIN = ±270V
DIV = 25
655 UNITS
FROM 2 RUNS
MS16(12)
CMRR (µV/V = ppm)
–40 –30 –20 –10
0
10
20
30
40
0
10
20
30
40
50
60
70
80
90
100
6375 G02
VS = ±15V
VIN = ±270V
DIV = 25
593 UNITS
FROM 2 RUNS
DF14(12)
CMRR (µV/V = ppm)
–40 –30 –20 –10
0
10
20
30
40
0
10
20
30
40
50
60
70
80
90
100
6375 G03
VS = ±15V
VIN = ±270V
DIV = 25
GAIN ERROR (ppm)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
50
100
150
200
250
300
350
400
6375 G04
VS = ±15V
VOUT = ±10V
1248 UNITS
FROM 4 RUNS
BOTH PACKAGES
655 UNITS
FROM 2 RUNS
MS16(12)
GAIN ERROR (ppm)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
25
50
75
100
125
150
175
200
6375 G05
VS = ±15V
VOUT = ±10V
593 UNITS
FROM 2 RUNS
DF14(12)
VS = ±15V
VOUT = ±10V
GAIN ERROR (ppm)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
25
50
75
100
125
150
175
200
6375 G06
TA = 25°C, VS = ±15V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com