Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP70H300G4LSG Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # TP70H300G4LSG
Description  700V SuperGaN® GaN FET in PQFN 8 × 8 Performance Package (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP70H300G4LSG Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button TP70H300G4LSG Datasheet HTML 2Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 3Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 4Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 5Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 6Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 7Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 8Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 9Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TP70H300G4LSG Datasheet
R07DS1609EU0200 Rev.2.00
Nov 21, 2025
Page 6
2.4
Electrical Specifications – Reverse Device
TJ = 25°C unless otherwise stated.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
IS
Reverse current
VGS = 0V, TC = 100°C,
≤25% duty cycle
-
-
5
A
VSD
Reverse voltage [1]
VGS = 0V, IS = 2.5A
-
1.3
-
V
VGS = 0V, IS = 5A
-
1.9
-
1.
Includes dynamic RDS(on) effect.
Note: Reverse recovery charge is negligible enabled by the LV Si FET technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com