Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP70H300G4LSG Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # TP70H300G4LSG
Description  700V SuperGaN® GaN FET in PQFN 8 × 8 Performance Package (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP70H300G4LSG Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button TP70H300G4LSG Datasheet HTML 4Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 5Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 6Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 7Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 8Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 9Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 10Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 11Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TP70H300G4LSG Datasheet
R07DS1609EU0200 Rev.2.00
Nov 21, 2025
Page 8
Figure 8. Typical QOSS
Figure 9. Typical Gate Charge
IDS = 5A, VDS = 400V
Figure 10. Power Dissipation
Figure 11. Current Derating
Pulse width ≤ 10µs, VGS ≥ 6V
Figure 12. Forward Characteristics of Rev. Diode
IS = f(VSD), Parameter: TJ
Figure 13. Transient Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com