Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9715LGEFL/V Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM9715LGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715LGEFL/V Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM9715LGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
Production Data
WM9715L
w
PD Rev 4.0 December 2007
41
For an X co-ordinate measurement, the top left and bottom left corners of the touchpanel are
grounded internally to the WM9715, while the top right and bottom right contacts are connected to
TPVDD. The bottom plate becomes a potential divider with a voltage gradient in the X direction. The
voltage at the point of contact is proportional to its X co-ordinate. This voltage is measured on the
TOP pin and converted to a digital value by the ADC.
Due to the ratiometric measurement method, the supply voltage does not affect measurement
accuracy. The voltage references VREF+ and VREF- are taken from after the matrix switches, so
that any voltage drop in these switches has no effect on the ADC measurement.
Figure 11 Y Co-ordinate Measurement on 5-wire Touchpanel
Y co-ordinate measurements are similar to Y co-ordinate measurements. However, the voltage
gradient on the bottom plate is in the Y direction instead of the X direction. This is achieved by
grounding the bottom left and bottom right corners of the touchpanel, and connecting the top left and
top right contacts to TPVDD.
Figure 12 Pen Down Detection on 5-wire Touchpanel
Pen down detection works in a similar fashion for both 4-wire and 5-wire touchpanels (see Four-Wire
Touchpanel Operation). On a 5-wire touchpanel, all four contacts of the bottom plate are grounded,
and the top plate contact is connected to the internal programmable pull-up resistor, RPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com