Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9715LGEFL/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM9715LGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715LGEFL/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM9715LGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
Production Data
WM9715L
w
PD Rev 4.0 December 2007
17
Figure 2 Microphone Bias Schematic
PHONE INPUT
Pin 20 (PHONE) is a mono, line level input designed to connect to the receive path of a telephony
device.
The pin connects directly to the record selector for phone call recording (Note: to record both sides of
a phone call, one ADC channel should record the PHONE signal while the other channel records the
MIC signal). The RECVOL PGA adjusts the recording volume, controlled by register 1Ch or by the
ALC function.
To listen to the PHONE signal, the signal passes through a separate PGA, controlled by register
0Ch. The signal can be routed into the headphone mixer (for normal phone call operation) and/or the
speaker mixer (for speakerphone operation), but not into the phone mixer (to prevent forming a
feedback loop). When the phone input is not used, the phone-in PGA can be switched off to save
power (see “Power Management” section).
PHONE is biased internally to the reference voltage VREF. Whenever the input is muted or the
device placed into standby mode, the input remains biased to VREF using special anti-thump
circuitry to suppress any audible clicks when changing inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
P2H
1
Mute PHONE path to headphone mixer
1: Mute, 0: No mute (ON)
14
P2S
1
Mute PHONE path to speaker mixer
1: Mute, 0: No mute (ON)
0Ch
Phone Input
4:0
PHONE
VOL
01000
(0dB)
PHONE input gain
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
Table 4 Phone Input Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com