Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9715LGEFL/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM9715LGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715LGEFL/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM9715LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
WM9715L
Production Data
w
PD Rev 4.0 December 2007
42
CONTROLLING THE TOUCHPANEL DIGITISER
All touchpanel functions are accessed and controlled through the AC-Link interface.
PHYSICAL CHARACTERISTICS
The physical characteristics of the touchpanel interface are controlled through register 78, as shown
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12
45W
0 (4-wire)
Touchpanel Type Selection
0: 4-wire
1: 5-wire
0:5
RPU
000001
(68k
Ω)
Internal Pull-up resistor for Pen Detection
000000: RESERVED (do not use this setting)
000001: RPU/1 = TYP 68k
Ω (most sensitive)
000010: RPU /2 = TYP 34k
Ω
… (pull-up = RPU / binary value of RPU)
(Refer to page 9 for RPU specification)
78h
8
PIL
0 (200
µA)
Current used for pressure measurement
0: IP = 200
µA
1: IP = 400
µA
Table 23 Touchpanel Digitiser Control (Physical Characteristics)
POWER MANAGEMENT
To save power, the touchpanel digitiser and the pen-down detector can be independently disabled
when they are not used. The power consumption of the pen-down detector is normally negligible,
except when the pen is down.
The state of the digitiser and pen down detector is controlled by the following bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:14
PRP
00
Pen ADC/AUX ADC enable
00 – Pen digitiser off, pen detect off, no
wake-up on pen down (default)
01 – Pen digitiser powered off, pen detect
enabled, touchpanel digitiser wakes up
(changes to state 11) on pen-down
10 – Pen digitiser off, pen detect enabled,
no wake-up on pen down
11 – Pen digitiser and pen detect enabled
78h
13
RPR
0
Wake-up on pen-down mode
0: Wake-up the AC-Link only (hold
SDATAIN high until controller sends warm
reset or cold reset)
1: Wake-up the WM9715L without waiting
for a reset signal from the controller
Table 24 Touchpanel Digitiser Control (Power Management)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com