Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8941GEFL/RV Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/RV
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/RV Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
57
CURRENT MODE OUTPUT
The current mode output employed by the WM8941 video buffer allows VBVDD to operate at lower
voltages than voltage mode video buffers, reducing power consumption, while the use of a current
reference resistor close to the WM8941 ensures that the signal swing seen at the output of the
buffer will be the same as that at the connection to the receiving equipment (e.g. a TV), providing
excellent signal reproduction.
Current mode output also provides inherent protection against short circuits during jack insertion and
removal.
Figure 31 Video Buffer with 0dB Gain
Figure 32 Video Buffer with 6dB Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com