Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8941GEFL/RV Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/RV
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/RV Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
74
POWER MANAGEMENT
VMID
The analogue circuitry will not work when VMID is disabled (VMIDSEL[1:0] = 00b). The impedance
of the VMID resistor string, together with the decoupling capacitor on the VMID pin will determine the
start-up time of the VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
1:0
VMIDSEL 00
Reference string impedance to VMID pin
(determines startup time):
00=off (open circuit)
01=50kΩ
10=250kΩ
11=5kΩ (for fastest startup)
Table 58 VMID Impedance Control
BIASEN
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
3
BIASEN
0
Analogue amplifier bias control
0=Disabled
1=Enabled
Table 59 BIASEN Control
ESTIMATED SUPPLY CURRENTS
When either the DAC or ADC are enabled it is estimated that approximately 4mA will be drawn from
DVDD when fs=48kHz (This will be lower at lower sample rates). When the PLL is enabled an
additional 700 microamps will be drawn from DVDD.
Table 60 shows the estimated 3.3V AVDD current drawn by various circuits, by register bit.
REGISTER BIT
AVDD CURRENT (MILLIAMPS)
MONOEN
0.2mA
PLLEN
1.4mA (with clocks applied)
MICBEN
0.5mA
BIASEN
0.3mA
BUFIOEN
0.1mA
VMIDSEL
5K=>0.3mA, less than 0.1mA for 50k/250k
BOOSTEN
0.2mA
INPPGAEN
0.2mA
ADCEN
2.6mA
MONOEN
0.2mA
SPKPEN
1mA from SPKVDD
SPKNEN
1mA from SPKVDD
MONOMIXEN
0.2mA
SPKMIXEN
0.2mA
DACEN
1.8mA
Table 60 AVDD Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com