Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8941GEFL/RV Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/RV
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/RV Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
68
GENERAL PURPOSE INPUT/OUTPUT
In 2-wire mode, the CSB pin is not required and it can be used as a GPIO pin. In the WM8941, a
separate GPIO pin is available and this can be used for GPIO in 3-wire mode. Also in 3 wire mode,
the MODE / GPIO can be configured as a GPIO by setting the MODE_GPIO register bit
Whichever pin is used for GPIO, it is controlled from the GPIO control register R8. The GPIOSEL bits
allow the chosen pin to be configured to perform a variety of useful tasks as shown in Table 53
Note that SLOWCLKEN must be enabled when using the jack detect function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:4
OPCLKDIV
00
PLL Output clock division ratio
00=divide by 1
01=divide by 2
10=divide by 3
11=divide by 4
3
GPIOPOL
0
GPIO Polarity invert
0=Non inverted
1=Inverted
R8
GPIO
control
2:0
GPIOSEL
000
GPIO function select:
000=GPIO off
001= Jack insert detect
010=Temp ok
011=Amute active
100=SYSCLK clock o/p
101=PLL lock
110=Reserved
111=Reserved
Table 53 GPIO Control
CONTROL INTERFACE
SELECTION OF CONTROL MODE AND 2-WIRE MODE ADDRESS
The control interface can operate as either a 3-wire or 2-wire interface. The MODE / GPIO pin
determines the 2 or 3 wire mode as shown in Table 54.
The WM8941 is controlled by writing to registers through a serial control interface. A control word
consists of 24 bits. The first 7 bits (B23 to B16) are address bits that select which control register is
accessed. The remaining 16 bits (B15 to B0) are register bits, corresponding to the 16 bits in each
control register.
MODE / GPIO
INTERFACE FORMAT
Low
2 wire
Hi-Z
3 wire
High
3 wire
Table 54 Control Interface Mode Selection
USE OF MODE AS A GPIO PIN IN 3-WIRE MODE
In 3-wire mode, MODE can be used as a GPIO pin. If MODE is being used as a GPIO output, the
partner device doesn’t have to drive MODE - the pin will be pulled-up internally causing 3-wire mode
will be selected. The GPIO function is enabled by setting the MODE_GPIO register bit. The MODE
pin can then be controlled using the GPIO register bits as described in Figure 41. To use MODE as
a GPIO input, MODE must be undriven or driven high at start-up. Specifically MODE must be high or
hi-Z during an initial write to the control interface which sets the MODE_GPIO register bit. After
MODE_GPIO has been set, 3-wire mode selection is overridden internally and the MODE pin can be
used freely as a GPIO input or output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com