Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W144HT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W144HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W144HT Datasheet(HTML) 2 Page - Cypress Semiconductor

  W144HT Datasheet HTML 1Page - Cypress Semiconductor W144HT Datasheet HTML 2Page - Cypress Semiconductor W144HT Datasheet HTML 3Page - Cypress Semiconductor W144HT Datasheet HTML 4Page - Cypress Semiconductor W144HT Datasheet HTML 5Page - Cypress Semiconductor W144HT Datasheet HTML 6Page - Cypress Semiconductor W144HT Datasheet HTML 7Page - Cypress Semiconductor W144HT Datasheet HTML 8Page - Cypress Semiconductor W144HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
W144
Document #: 38-07153 Rev. *B
Page 2 of 14
Pin Description
Pin Name
No.
Type
Description
CPU_F
44
O
Free-running CPU Clock: Output voltage swing is controlled by the voltage applied to
VDDQ2. See Tables 1 and 6 for detailed frequency information.
CPU1
43
O
CPU Clock Output 1: This CPU clock output is controlled by the CLK_STOP# control
pin. Output voltage swing is controlled by voltage applied to VDDQ2.
PCI2:5
10, 11, 12,
13
O
PCI Clock Outputs 2 through 5: These four PCI clock outputs are controlled by the
PCI_STOP# control pin. Output voltage swing is controlled by voltage applied to VDDQ3.
PCI1/FS3
8
I/O
Fixed PCI Clock Output: As an output. frequency is set by the FS0:3 inputs or through
serial input interface, see Tables 1 and 6. This output is affected by the PCI_STOP# input.
When an input, latches data selecting the frequency of the CPU and PCI outputs.
PCI_F/MODE
7
I/O
Fixed PCI Clock Output: As an output, frequency is set by the FS0:3 inputs or through
serial input interface, see Tables 1 and 6. This output is not affected by the PCI_STOP#
input. When an input, sets function of pin 2.
CLK_STOP#
41
I
CLK_STOP# input: When brought LOW, affected clock outputs are stopped LOW after
completing a full clock cycle (2–3 CPU clock latency). When brought HIGH, affected clock
outputs start, beginning with a full clock cycle (2–3 CPU clock latency).
IOAPIC
47
O
IOAPIC Clock Output: Provides 14.318-MHz fixed frequency. The output voltage swing
is controlled by VDDQ2. This output is disabled when CLK_STOP# is set LOW.
48MHz/FS0
26
I/O
48-MHz Output: 48 MHz is provided in normal operation. In standard systems, this output
can be used as the reference for the Universal Serial Bus. Upon power-up FS0 input will
be latched, which will set clock frequencies as described in Table 1.
24MHz/FS1
25
I/O
24-MHz Output: 24 MHz is provided in normal operation. In standard systems, this output
can be used as the clock input for a Super I/O chip. Upon power-up FS1 input will be
latched, which will set clock frequencies as described in Table 1.
REF1/FS2
46
I/O
I/O Dual-Function REF0 and FS2 pin: Upon power-up, FS2 input will be latched, which
will set clock frequencies as described in Table 1. When an output, this pin provides a
fixed clock signal equal in frequency to the reference signal provided at the X1/X2 pins.
REF0/
(PCI_STOP#)
2
I/O
Fixed 14.318-MHz Output 0 or PCI_STOP# Pin: Function determined by MODE pin.
The PCI_STOP# input enables the PCI 1:5 outputs when HIGH and causes them to
remain at logic 0 when LOW. The PCI_STOP signal is latched on the rising edge of PCI_F.
Its effects take place on the next PCI_F clock cycle. When an output, this pin provides a
fixed clock signal equal in frequency to the reference signal provided at the X1/X2 pins.
SDRAMIN
15
I
Buffered Input Pin: The signal provided to this input pin is buffered to 13 outputs
(SDRAM0:11, SDRAM_F).
SDRAM0:11
38, 37, 35,
34, 32, 31,
29, 28, 21,
20, 18, 17
O
Buffered Outputs: These twelve dedicated outputs provide copies of the signal provided
at the SDRAMIN input. The swing is set by VDDQ3, and they are deactivated when
CLK_STOP# input is set LOW.
SDRAM_F
40
O
Free-running Buffered Output: This dedicated output provides a copy of the SDRAMIN
input which is not affected by the CLK_STOP# input
SCLK
24
I
Clock pin for I2C Circuitry
SDATA
23
I/O
Data pin for I2C Circuitry
X1
4
I
Crystal Connection or External Reference Frequency Input: This pin has dual
functions. It can be used as an external 14.318-MHz crystal connection or as an external
reference frequency input.
X2
5
I
Crystal Connection: An input connection for an external 14.318-MHz crystal. If using an
external reference, this pin must be left unconnected.
VDDQ3
1, 6, 14,
19, 27, 30,
36
P
Power Connection: Power supply for core logic, PLL circuitry, SDRAM outputs, PCI
outputs, reference outputs, 48-MHz output, and 24-MHz output. Connect to 3.3V supply.
VDDQ2
42, 48
P
Power Connection: Power supply for IOAPIC, CPU_F, and CPU1 output buffers.
Connect to 2.5V or 3.3V.
GND
3, 9, 16,
22, 33, 39,
45
G
Ground Connections: Connect all ground pins to the common system ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com