Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLCD1 Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 83Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 84Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 85Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 86Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 87Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 88Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 89Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 90Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
87/95
ST7FLCD1
Electrical Characteristics
17
Electrical Characteristics
The ST7FLCD1 device contains circuitry to protect the inputs against damage due to high static
voltage or electric field. Nevertheless it is advised to take normal precautions and to avoid applying
to this high impedance voltage circuit any voltage higher than the maximum rated voltages. It is
recommended for proper operation that VIN and VOUT be constrained to the range:
VSS ≤(VIN or VOUT) ≤VDD
To enhance reliability of operation, it is recommended to connect unused inputs to an appropriate
logic voltage level such as VSS or VDD. All the voltages in the following table, are referenced to VSS.
17.1
Absolute Maximum Ratings
17.2
Power Considerations
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the
following equation:
TJ = TA + (PD x θJA) (1)
Where:
TA is the Ambient Temperature in ° C,
θJA is the Package Junction-to-Ambient Thermal Resistance, in ° C/W,
PD is the sum of PINT and PI/O,
PINT is the product of IDD and VDD, expressed in Watts. This is the Chip Internal Power
PI/O represents the Power Dissipation on Input and Output Pins; User Determined.
Table 32: Absolute Maximum Ratings
Symbol
Ratings
Value
Unit
VDD
Recommended Supply Voltage
-0.3 to +6.0
V
VIN
Input Voltage
VSS -0.3 to VDD + 0.3
V
VAIN
Analog Input Voltage (A/D Converter)
VSS -0.3 to VDD + 0.3
V
VOUT
Output Voltage
VSS -0.3 to VDD + 0.3
V
IIN
Input Current
-10 to +10
mA
IOUT
Output Current
-10 to +10
mA
IINJ
Accumulated injected current of all I/O pins (VDD, VSS)40
mA
TA
Operating Temperature Range
0 to +70
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Junction Temperature
150
°C
PD
Power Dissipation
TBD
mW
ESD
ESD susceptibility
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com