Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLCD1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 20Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 21Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 22Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 23Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 24Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 25Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 26Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 27Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
Interrupts
ST7FLCD1
24/95
4
Interrupts
There are two different methods to interrupt the ST7:
1. a maskable hardware interrupt as listed in Table 7
2. a non-maskable software interrupt (TRAP).
The Interrupt Processing flowchart is shown in Figure 10.
Only enabled maskable interrupts are serviced. However, disabled interrupts are latched and
processed. For an interrupt to be serviced, the PC, X, A and CC registers are saved onto the stack,
the interrupt mask (bit I of the Condition Code Register) is set to prevent additional interrupts. The
Y register is not automatically saved.
The PC is then loaded with the interrupt vector and the interrupt service routine runs (refer to
Table 7 for vector addresses) and ends with the IRET instruction. At the IRET instruction, the
contents of the registers are recovered from the stack and normal processing resumes. Note that
the I bit is then cleared if the corresponding bit stored in the stack is zero.
Though many interrupts can be run simultaneously, an order of priority is defined (see Table 7). The
RESET pin has the highest priority. If the I bit is set, only the TRAP interrupt is enabled. All
interrupts allow the processor to exit the WAIT Low Power mode.
4.1
Software
The software interrupt is the executable TRAP instruction. The interrupt is recognized when the
TRAP instruction is executed, regardless of the state of the I bit. When an interrupt is recognized, it
is serviced according to flowchart described in Figure 10.
Note:
During ICC communication, the TRAP interrupt is reserved.
4.2
External Interrupts (ITA, ITB)
The ITA (PA6), ITB (PA7) pins generate an interrupt when a falling or rising edge occurs on these
pins. These interrupts are enabled by the ITAITE and ITBITE bits (respectively) in the ITRFRE
register, provided that the I bit from the CC register is reset. Each external interrupt has its own
interrupt vector.
4.3
Peripheral Interrupts
The various peripheral devices with interrupts include both Display Data Channels (DDC A and
DDC B), the Infrared Controller (IFR), two 8-bit timers (Timer A and Timer B) and the I²C interface.
Different peripheral interrupt flags fetch an interrupt if the I bit from the CC register is reset and the
corresponding Enable bit is set. If any of these conditions is not fulfilled, the interrupt is latched but
not serviced, thus remaining pending.
4.4
Processing
Interrupt flags are located in the status register. The Enable bits are in the control register. When an
enabled interrupt occurs, normal processing is suspended at the end of the current instruction
execution. It is then serviced according to the flowchart shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com