Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P10-AVMP6T/X Datasheet(PDF) 38 Page - Numonyx B.V

Part # M25P10-AVMP6T/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6T/X Datasheet(HTML) 38 Page - Numonyx B.V

Back Button M25P10-AVMP6T/X Datasheet HTML 34Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 35Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 36Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 37Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 38Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 39Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 40Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 41Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
DC and AC parameters
M25P10-A
38/51
Table 15.
DC characteristics (device grade 3)(1)
1.
Only for products with process technology code X.
Symbol
Parameter
Test condition (in addition to
those in Table 10)
Min(2)
2.
Preliminary data.
Max(2)
Unit
ILI
Input Leakage current
± 2
µA
ILO
Output Leakage current
± 2
µA
ICC1
Standby current
S = VCC, VIN = VSS or VCC
100
µA
ICC2
Deep Power-down current
S = VCC, VIN = VSS or VCC
50
µA
ICC3
Operating current (READ)
C = 0.1VCC / 0.9.VCC at 25 MHz,
Q = open
8mA
C = 0.1VCC / 0.9.VCC at 20 MHz,
Q = open
4mA
ICC4
Operating current (PP)
S = VCC
15
mA
ICC5
Operating current (WRSR)
S = VCC
15
mA
ICC6
Operating current (SE)
S = VCC
15
mA
ICC7
Operating current (BE)
S = VCC
15
mA
VIL
Input Low voltage
–0.5
0.3VCC
V
VIH
Input High voltage
0.7VCC
VCC+0.4
V
VOL
Output Low voltage
IOL = 1.6 mA
0.4
V
VOH
Output High voltage
IOH = –100 μAVCC–0.2
V
Table 16.
Instruction times (device grade 6)
Test conditions specified in Table 10 and Table 12
Symbol
Alt.
Parameter
Min
Typ
Max
Unit
tW
Write Status Register cycle time
5
15
ms
tPP
(1)
1.
When using the Page Program (PP) instruction to program consecutive bytes, optimized timings are
obtained with one sequence including all the bytes versus several sequences of only a few bytes. (1
≤n ≤
256).
Page Program cycle time (256 bytes)
1.4
5ms
Page Program cycle time (n bytes)
0.4+
n*1/256(2)
2.
tPP=2μs+8μs*[int(n-1)/2+1]+4μs*[int(n-1)/2]+2μs, in products with process technology code X and Y.
tSE
Sector Erase cycle time
0.65
3
s
tBE
Bulk Erase cycle time
1.7
6
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com