Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P10-AVMP6T/X Datasheet(PDF) 30 Page - Numonyx B.V

Part # M25P10-AVMP6T/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6T/X Datasheet(HTML) 30 Page - Numonyx B.V

Back Button M25P10-AVMP6T/X Datasheet HTML 26Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 27Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 28Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 29Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 30Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 31Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 32Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 33Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 34Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Instructions
M25P10-A
30/51
6.11
Deep Power-down (DP)
Executing the Deep Power-down (DP) instruction is the only way to put the device in the
lowest consumption mode (the Deep Power-down mode). It can also be used as a software
protection mechanism, while the device is not in active use, as in this mode, the device
ignores all write, program and erase instructions.
Driving Chip Select (S) High deselects the device, and puts the device in the Standby mode
(if there is no internal cycle currently in progress). But this mode is not the Deep Power-
down mode. The Deep Power-down mode can only be entered by executing the Deep
Power-down (DP) instruction, to reduce the standby current (from ICC1 to ICC2, as specified
in Table 14).
To take the device out of Deep Power-down mode, the Release from Deep Power-down and
Read Electronic Signature (RES) instruction must be issued. No other instruction must be
issued while the device is in Deep Power-down mode.
The Release from Deep Power-down, and Read Electronic Signature (RES) instruction and
the Read Identification (RDID) instruction also allow the electronic signature of the device to
be output on Serial Data output (Q).
The Deep Power-down mode automatically stops at power-down, and the device always
powers-up in the Standby mode.
The Deep Power-down (DP) instruction is entered by driving Chip Select (S) Low, followed
by the instruction code on Serial Data input (D). Chip Select (S) must be driven Low for the
entire duration of the sequence.
The instruction sequence is shown in Figure 17.
Chip Select (S) must be driven High after the eighth bit of the instruction code has been
latched in, otherwise the Deep Power-down (DP) instruction is not executed. As soon as
Chip Select (S) is driven High, it requires a delay of tDP before the supply current is reduced
to ICC2 and the Deep Power-down mode is entered.
Any Deep Power-down (DP) instruction, while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on the cycle that is in progress.
Figure 17.
Deep Power-down (DP) instruction sequence
C
D
AI03753D
S
2
1
34567
0
tDP
Deep Power-down mode
Standby mode
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com