Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P10-AVMP6T/X Datasheet(PDF) 17 Page - Numonyx B.V

Part # M25P10-AVMP6T/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6T/X Datasheet(HTML) 17 Page - Numonyx B.V

Back Button M25P10-AVMP6T/X Datasheet HTML 13Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 14Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 15Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 16Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 17Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 18Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 19Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 20Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
M25P10-A
Instructions
17/51
6.1
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 7) sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every Page Program (PP), Sector
Erase (SE), Bulk Erase (BE) and Write Status Register (WRSR) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
Figure 7.
Write Enable (WREN) instruction sequence
Table 4.
Instruction set
Instruction
Description
One-byte instruction
code
Address
bytes
Dummy
bytes
Data
bytes
WREN
Write Enable
0000 0110
06h
0
0
0
WRDI
Write Disable
0000 0100
04h
0
0
0
RDID(1)
1.
The Read Identification (RDID) instruction is available in products with process technology code X and Y
(see application note AN1995).
Read Identification
1001 1111
9Fh
0
0
1 to 3
RDSR
Read Status Register
0000 0101
05h
0
0
1 to
∞
WRSR
Write Status Register
0000 0001
01h
0
0
1
READ
Read Data Bytes
0000 0011
03h
3
0
1 to
∞
FAST_READ
Read Data Bytes at Higher
Speed
0000 1011
0Bh
3
1
1 to
∞
PP
Page Program
0000 0010
02h
3
0
1 to 256
SE
Sector Erase
1101 1000
D8h
3
0
0
BE
Bulk Erase
1100 0111
C7h
0
0
0
DP
Deep Power-down
1011 1001
B9h
0
0
0
RES
Release from Deep Power-
down, and Read Electronic
Signature
1010 1011
ABh
0
3
1 to
∞
Release from Deep Power-
down
0
0
0
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com