Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF021A-DWFHT Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 39Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 40Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 41Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 42Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 43Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 44Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 45Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 46Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 43
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
12.7 Reset
In some applications, it may be necessary to prematurely stop a program or erase operation rather than wait the
hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally.
The Reset command allows a program or erase operation in progress to be ended abruptly and returns the device
to an idle state. Since the device must be reset immediately, the Write Enable command does not need to be
issued prior to the Reset command. Thus, the Reset command operates independently of the state of the WEL bit
in the Status Register.
The Reset command can be executed only if the command has been enabled by setting the Reset Enabled
(RSTE) bit in the Status Register to a Logical 1 using write status register byte 2 command 31h. This command
must be entered before a program command is entered. If the Reset command has not been enabled (the RSTE
bit is in the Logical 0 state), then any attempts at executing the Reset command is ignored.
To perform a Reset, the CS pin must first be asserted, and then the opcode F0h must be clocked into the device.
No address bytes need to be clocked in, but a confirmation byte of D0h must be clocked into the device
immediately after the opcode. Any additional data clocked into the device after the confirmation byte is ignored.
When the CS pin is deasserted, the program operation currently in progress is stopped within a time of tSWRST.
Since the program or erase operation may not complete before the device is reset, the contents of the page being
programmed or erased cannot be guaranteed to be valid.
The Reset command has no effect on the states of the Status Registers. If issued during and erase/program
operation (apart from Sequential Programming) the WEL bit is cleared when the erase/program operation stops.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is deasserted, and
the CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation
is performed.
Figure 37. Reset
SCK
CS
SI
SO
MSB
23
1
0
1111000
67
5
4
Opcode
Confirmation Byte In
10 11
9
814 15
13
12
0
MSB
1101000
0
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com