Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF021A-DWFHT Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 51Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 52Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 53Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 54Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 55Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 56Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 57Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 58Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 59Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 58
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
18. Revision History
Revision Level – Release Date
History
A – September 2014
Initial release
B – October 2014
Updated AC and DC specifications. Changed document status to preliminary.
C – February 2015
Added Die in Wafer Form (DWF) ordering operation. Added IDPD specification
footnote. Updated TPE specification.
D – May 2015
Updated AC and DC characteristics. Expanded explanation of Power Up/Power Down
(Section 14)
E – November 2015
Updated IDPD and ISB specification conditions. Updated document status from
preliminary to complete.
F – February 2017
Added patent information. Updated description in section 8.4 (Page Erase).
G – December 2021
Updated package drawing in section 17.3.
H – February 2022
Changed company logo to Renesas.
I – June 2022
Applied new corporate template to document.
Changed wording of the fourth paragraph in Section 12.7.
Added the following to the description of CS in Table 1: “To ensure correct power-up
sequencing, it is recommended to add a 10k Ohm pull-up resistor from CS to VCC. This
ensures CS ramps together with VCC during power-up.”
J – December 2022
Integrated the AT25DF021A-042E-HR Addendum to content.
Added AT25DF021A-DWFAT and DWFHT ordering codes to Section 16.
Replaced POD in Section 17.2 with latest version.
Added UUN-T package option and 8-ball WLCSP package drawing.
K – May 2023
Changed the upper limit of the industrial temperature from 104
°C to 85°C in the
Features list of the front page.
Added parameters to the Ordering Information diagram in Section 16, and removed
temperature range from Device Grade.
Changed dimension in the WLCSP POD from 1.575+/-0.05 and 1.355+/-0.05 to 1.597
and 1.377, as well as from 0.4375 and 0.2775 to 0.4485 and 0.2885.
Removed The SSHNHR-B and XMHNHR-B package options in the Ordering Info
section.
Changed the lead finish on the -UUN and -UUNHR packages in the Ordering Info
section.
L – August 2023
In Sections 13.3 and 13.4, changed max value of VOL from 0.4 V to 0.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com