Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BATT-TPLCABLE20 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BATT-TPLCABLE20
Description  RD33775ACNCEVB
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BATT-TPLCABLE20 Datasheet(HTML) 5 Page - NXP Semiconductors

  BATT-TPLCABLE20 Datasheet HTML 1Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 2Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 3Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 4Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 5Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 6Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 7Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 8Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NXP Semiconductors
UM11746
RD33775ACNCEVB
3.3 Block diagram
aaa-045373
CAN/CAN FD
TPL
TJA1443
TRANS
TRANS
daisy chain
port 1
extension of
daisy chain port 0
interface to cells
(V and T)
TRANS
MC33665A
MC33775A
MC33775A
12 V
GND
CANH
CANL
MC33775A
MC33775A
Figure 1. RD33775ACNCEVB block diagram
3.4 Board description
The RD33775ACNCEVB is the reference design for CCMU which can communicate
directly with CAN or CAN FD.
Figure 2 shows the sections for the gateway IC MC33665A and four MC33775A battery
cell controllers. MC33665A and TJA1443 CAN transceiver interface circuit is part of the
low-voltage section which can be connected to 12 V and ground. It can communicate on
low voltage (< 16 V) with standard tools and control units with J25 connector. TPL port 0
of MC33665A is interfaced to the first MC33775A onboard with transformer isolation.
TPL port 1 of MC33665A is interfaced to J2 for offboard communication with battery cell
controllers or to support the loopback for battery cell controller (BCC) devices on daisy
chain port 0.
Contact NXP engineering team for using TPL_AUTOWAKE function of MC33665A in
RD33775ACNCEVB.
UM11746
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
User manual
Rev. 2 — 25 August 2022
5 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com